| データシートサーチシステム |
|
MPC5675K データシート(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5675K データシート(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 140 page ![]() MPC5675K Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Package pinouts and signal descriptions Freescale Semiconductor 28 J7 VSS_LV_COR VSS_LV T12 VSS_LV_COR VSS_LV J8 VSS_LV_COR VSS_LV T13 VSS_LV_COR VSS_LV J9 VSS_LV_COR VSS_LV T14 VSS_LV_COR VSS_LV J10 VSS_LV_COR VSS_LV T15 VSS_LV_COR VSS_LV J11 VSS_LV_COR VSS_LV T16 VSS_LV_COR VSS_LV J12 VSS_LV_COR VSS_LV T17 VSS_LV_COR VSS_LV J13 VSS_LV_COR VSS_LV U7 VSS_LV_COR VSS_LV J14 VSS_LV_COR VSS_LV U8 VSS_LV_COR VSS_LV J15 VSS_LV_COR VSS_LV U9 VSS_LV_COR VSS_LV J16 VSS_LV_COR VSS_LV U10 VSS_LV_COR VSS_LV J17 VSS_LV_COR VSS_LV U11 VSS_LV_COR VSS_LV K7 VSS_LV_COR VSS_LV U12 VSS_LV_COR VSS_LV K8 VSS_LV_COR VSS_LV U13 VSS_LV_COR VSS_LV K9 VSS_LV_COR VSS_LV U14 VSS_LV_COR VSS_LV K10 VSS_LV_COR VSS_LV U15 VSS_LV_COR VSS_LV K11 VSS_LV_COR VSS_LV U16 VSS_LV_COR VSS_LV K12 VSS_LV_COR VSS_LV U17 VSS_LV_COR VSS_LV K13 VSS_LV_COR VSS_LV W4 VSS_LV_PLL VSS_LV K14 VSS_LV_COR VSS_LV AC19 VSS_HV_PMU VSS_LV K15 VSS_LV_COR VSS_LV D5 RESERVED VSS_HV K16 VSS_LV_COR VSS_LV AB20 RESERVED VSS_HV K17 VSS_LV_COR VSS_LV Table6. 473MAPBGA Balls not populated on package E5 E6 E7 E8 E9 E10 E11 E12 E13 E14 E15 E16 E17 E18 E19 F5 F19 G5 G19 H5 H19 J5 J19 K5 K19 L5 L19 M5 M19 N5 N19 P5 P19 R5 R19 T5 T19 U5 U19 V5 V19 W5 W6W7W8 W9 W10 W11 W12W13 W14W15 W16W17 W18W19 Table 5. 473 MAPBGA supply pins (continued) Ball Number Ball Name Pad Type Ball Number Ball Name Pad Type |