データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2SER データシート(PDF) 12 Page - Freescale Semiconductor, Inc

部品番号 USB2SER
部品情報  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER データシート(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 10Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 11Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 12Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 13Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 14Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 15Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
USB2SER Data Sheet, Rev. 0
Drivers and GUI
Freescale Semiconductor
12
You should now be able to see the configuration of the USB2SER:
To change any or several parameters from current list, change the desired values and click the Change button.
•
For Maximum Current Consumption you can use a value between 20 and 500 and for definition of USB.org, this field
only supports even values, value of 0 will cause to change the selection to Self Powered.
•
For Vendor ID and Product ID values allowed are 0–9 and A–F
•
For Manufacturer String, Product String and Serial Number Strings, any printable ASCII character is valid
•
All the fields must have valid information to change the configuration of the USB2SER Bridge
•
In case you need to change the current password, you will be able to by writing the new password in the New Password
field, then click on the Change button to finish this step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28