| データシートサーチシステム |
|
STD5KA43 データシート(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
STD5KA43 データシート(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 3 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: T00030B DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet STD5K __ __ __ __ └ Screening __ = Not Screened TX = TX Level TXV = TXV Level S = S Level │ │ │ │ │ └ Polarity __ = Normal (Anode to Stud) R = Reverse (Cathode to Stud) │ │ │ │ │ │ │ │ │ │ └ Voltage 5.0 – 110V │ │ │ │ │ │ │ │ │ │ │ │ └ Voltage Tolerance A = 10% B = 5% STD5KA5.0 – STD5KA110 STD5KB5.0 – STD5KB110 5000 WATT 5.0-110 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR Features: • 5.0-110 Volt Unidirectional-Anode to Stud • Hermetically Sealed • Meets all environmental requirements of MIL-S- 19500 • Custom configurations available • Reverse polarity-cathod to stud (Add suffix “R”) • TX, TXV, and Space Level screening available Applications: • Protection of voltage sensitive components • Protection against power interruption • Lightning protection Maximum Ratings Stand Off Voltage VRWM 5.0-110 Volts Steady State Power Dissipation PD 8 Watts Peak Pulse Power @ 1.0 msec PPP 5000 Watts Forward Surge Current IFSM 400 Amps Peak Pulse Power and Steady State Power Derating SEE GRAPH Peak Pulse Power and Pulse Width SEE GRAPH Operating and Storage Temperature -55°C to +175°C Note: SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances of + 10% (A) and + 5% (B). For other Voltage and Voltage Tolerances, contact SSDI's Marketing Department. DO-5 |
同様の部品番号 - STD5KA43 |
|
同様の説明 - STD5KA43 |