データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SEMIX503GB126HDS データシート(PDF) 2 Page - Semikron International

部品番号 SEMIX503GB126HDS
部品情報  Trench IGBT Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMIKRON [Semikron International]
ホームページ  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX503GB126HDS データシート(HTML) 2 Page - Semikron International

  SEMIX503GB126HDS Datasheet HTML 1Page - Semikron International SEMIX503GB126HDS Datasheet HTML 2Page - Semikron International SEMIX503GB126HDS Datasheet HTML 3Page - Semikron International SEMIX503GB126HDS Datasheet HTML 4Page - Semikron International SEMIX503GB126HDS Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMiX503GB126HDs
2
Rev. 1 – 23.03.2011
© by SEMIKRON
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC IF = 300 A
VGE =0 V
chip
Tj =25 °C
1.6
1.80
V
Tj =125 °C
1.6
1.8
V
VF0
Tj =25 °C
0.9
1
1.1
V
Tj =125 °C
0.7
0.8
0.9
V
rF
Tj =25 °C
1.7
2.0
2.3
m
Tj =125 °C
2.3
2.7
3.0
m
IRRM
IF = 300 A
di/dtoff =6900 A/µs
VGE =-15 V
VCC = 600 V
Tj =125 °C
400
A
Qrr
Tj =125 °C
77
µC
Err
Tj =125 °C
32.5
mJ
Rth(j-c)
per diode
0.13
K/W
Module
LCE
20
nH
RCC'+EE'
res., terminal-chip
TC =25°C
0.7
m
TC =125 °C
1m
Rth(c-s)
per module
0.04
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
Nm
w
300
g
Temperatur Sensor
R100
Tc=100°C (R25=5 k)
493 ± 5%
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)]; T[K];
3550
±2%
K
SEMiX® 3s
GB
Trench IGBT Modules
SEMiX503GB126HDs
Features
• Homogeneous Si
• Trench = Trenchgate technology
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperatur limited to TC=125°C
max.
•Not for new design



Html Pages

1 2 3 4 5