データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FKC12 データシート(PDF) 2 Page - Make-Ps

部品番号 FKC12
部品情報  Single & Dual Output DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAKE-PS [Make-Ps]
ホームページ  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

FKC12 データシート(HTML) 2 Page - Make-Ps

  FKC12 Datasheet HTML 1Page - Make-Ps FKC12 Datasheet HTML 2Page - Make-Ps FKC12 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.make-ps.com
E-mail:info@make-ps.com
Input Specifications
Output Specifications
General Specifications
Recommended Test Circuit
Suggest adding input external filter(C1,C2,L)to meet conducted emissions (En55022 class A)
2/3
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
2:1
Filter
Pi Network
Protection
Fuse Recommended
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Single/Dual
±
2
%
Short Circuit/ Restart
Continuous/ Automatic
Over Load Protection
150
%
Line Regulation
High Line to Low Line
±
0.5
%
Load Regulation
Single & Dual (F.L-25%F.L)
±
0.5
%
Minimum Load
10% of Full Load
Ripple & Noise
BW=DC To 20MHz (with 1uF Cap.)
100
mVp-p
Transient response setting time
current change from 25% to 100%
350
us
Parameters
Conditions
Min
Typ
Max
Units
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
400
KHz
Operating Temperature
-40
100
Humidity
Non Condensing
95
%
Cooling
Free air Convection
Case material
Five-Side Shielded Case
Weight
17.5
g
Dimensions
Appearance size
31.6X20.1X10.0
mm
Potting Material
Epoxy (UL94V-0 rated)
Radiated Emissions
EN55022
CLASS A
Conducted Emissions
EN55022
CLASS A
Efficiency
80
%
Isolation Voltage
For 10 seconds
1500
VDC
MTBF
MIL-HDBK-217F @25℃ , Ground Benign
900000
Hours
Storage Temperature
-55
+125
Case Temperature
+95
Temperature Coefficinet:±0.05%/
Single
Vin
+Vout
GND
-Vout
Cin
Cout
100uF/25V
12V & 24V & 48V:Cin 100uF,100V
Dual
Vin
+Vout
GND
Cin
Cout
-Vout
Cout
24V & 48V:Cin 100uF,100V
COM
100uF/25V
100uF/25V
C1
C2
12uH
2.2uF/100V
2.2uF/100V
+Vin
-Vin
+Vout
-Vout
DC/DC
Converter
Load
L



Html Pages

1 2 3