データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IPB65R660CFD データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 IPB65R660CFD
部品情報  650V CoolMOS CFD Power Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R660CFD データシート(HTML) 2 Page - Infineon Technologies AG

  IPB65R660CFD Datasheet HTML 1Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 2Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 3Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 4Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 5Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 6Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 7Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 8Page - Infineon Technologies AG IPB65R660CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
drain
pin 2
gate
pin 1
source
pin 3
650V CoolMOS™ CFD Power Transistor
IPD65R660CFD IPB65R660CFD,
IPP65R660CFD IPA65R660CFD
Final Data Sheet
2
Rev. 2.0, 2011-02-01
1
Description
CoolMOS™ is a revolutionary technology for high voltage power
MOSFETs, designed according to the superjunction (SJ) principle and
pioneered by Infineon Technologies. 650V CoolMOS™ CFD series
combines the experience of the leading SJ MOSFET supplier with high
class innovation. The resulting devices provide all benefits of a fast
switching SJ MOSFET while offering an extremely fast and robust body
diode. This combination of extremely low switching, commutation and
conduction losses together with highest robustness make especially
resonant switching applications more reliable, more efficient, lighter,
and cooler
Features
•
Ultra-fast body diode
•
Very high commutation ruggedness
•
Extremely low losses due to very low FOM Rdson*Qg and Eoss
•
Easy to use/drive
•
Qualified for industrial grade applications according to JEDEC1)
•
Pb-free plating, Halogen free mold compound
Applications
650V CoolMOS™ CFD is especially suitable for resonant switching PWM
stages for e.g. PC Silverbox, LCD TV, Lighting, Server,Telecom.
Please note: For MOSFET paralleling the use of ferrite beads on the gate or separate totem
poles is generally recommended.
1) J-STD20 and JESD22
Table 1
Key Performance Parameters
Parameter
Value
Unit
V
DS @ Tj,max
700
V
RDS(on),max
0.66
Q
g,typ
20
nC
I
D,pulse
17
A
E
oss @ 400V
1.8
µJ
Body diode d
i/dt
500
A/µs
Type / Ordering Code
Package
Marking
Related Links
IPD65R660CFD
PG-TO252
IFX CoolMOS Webpage
IPB65R660CFD
PG-TO263
IFX Design tools
IPP65R660CFD
PG-TO220
65F660
IPA65R660CFD
PG-TO220 FullPAK
IPI65R660CFD
PG-TO262
IPW65R660CFD
PG-TO247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com