| データシートサーチシステム |
|
TC1165 データシート(PDF) 71 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC1165 データシート(HTML) 71 Page - Infineon Technologies AG |
|
71 / 133 page ![]() TC1165/TC1166 Functional Description Preliminary Data Sheet 67 V1.0, 2008-04 Features • 8-bit, 10-bit, 12-bit A/D conversion • Conversion time below 2.5 µs @ 10-bit resolution • Extended channel status information on request source • Successive approximation conversion method • Total Unadjusted Error (TUE) of ±2 LSB @ 10-bit resolution • Integrated sample & hold functionality • Direct control of up to 16 analog input channels • Dedicated control and status registers for each analog channel • Powerful conversion request sources • Selectable reference voltages for each channel • Programmable sample and conversion timing schemes • Limit checking • Flexible ADC module service request control unit • Automatic control of external analog multiplexers • Equidistant samples initiated by timer • External trigger and gating inputs for conversion requests • Power reduction and clock control feature • On-chip die temperature sensor output voltage measurement |