データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4253E データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 TLE4253E
部品情報  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253E データシート(HTML) 2 Page - Infineon Technologies AG

  TLE4253E Datasheet HTML 1Page - Infineon Technologies AG TLE4253E Datasheet HTML 2Page - Infineon Technologies AG TLE4253E Datasheet HTML 3Page - Infineon Technologies AG TLE4253E Datasheet HTML 4Page - Infineon Technologies AG TLE4253E Datasheet HTML 5Page - Infineon Technologies AG TLE4253E Datasheet HTML 6Page - Infineon Technologies AG TLE4253E Datasheet HTML 7Page - Infineon Technologies AG TLE4253E Datasheet HTML 8Page - Infineon Technologies AG TLE4253E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Type
Package
Marking
TLE4253GS
PG-DSO-8
4253
TLE4253E
PG-DSO-8 exposed pad
4253E
PG-DSO-8
PG-DSO-8 exposed pad
Data Sheet
2
Rev. 1.2, 2009-11-09
Low Dropout Voltage Tracking Regulator
TLE4253
TLE4253GS
1Overview
Features
•
Tight output tracking tolerance to reference
•
Output voltage adjust down to 2.0 V
•
Stable with ceramic output capacitor
•
Flexibility of output voltage adjust higher or lower than reference,
proportional to the reference voltage
•
250 mA output current capability
•
Low dropout voltage
•
Combined tracking / enable input
•
Very low current consumption in OFF mode
•
PG-DSO-8 packages with lowest thermal resistance
•
Wide input voltage range -42 V
≤ VI ≤ 45 V
•
Wide temperature range: -40 °C
≤ Tj ≤ 150 °C
•
Output protected against short circuit to GND and battery
•
Overtemperature protection
•
Reverse polarity proof
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE4253 is a monolithic integrated low-dropout voltage tracking regulator in small PG-DSO-8 packages. The
exposed pad (EP) package variant PG-DSO-8 exposed pad offers extremely low thermal resistance. The IC is
designed to supply off-board systems, e. g. sensors in engine management systems under the severe conditions
of automotive applications. Therefore, the IC is equipped with additional protection functions against reverse
polarity and short circuit to GND and battery.
With supply voltages up to 40 V, the output voltage follows a reference voltage applied at the adjust input with high
accuracy. The reference voltage applied directly to the adjust input or by an e. g. external resistor divider can be
2.0 V at minimum.
The output is able to drive loads up to 250 mA at minimum while the device follows the e. g. 5 V output of a main
voltage regulator acting as reference with high accuracy.
The TLE4253 tracker can be set into shutdown mode in order to reduce the quiescent current to an extremly low
value. This makes the IC suitable to low power battery applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22