| データシートサーチシステム |
|
TLE8250GVIO データシート(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250GVIO データシート(HTML) 12 Page - Infineon Technologies AG |
|
12 / 28 page ![]() Data Sheet 12 Rev. 1.0, 2010-09-03 TLE8250GVIO Fail Safe Functions 5.5 Over-Temperature protection Figure 7 Over-Temperature protection The TLE8250GVIO has an integrated over-temperature detection to protect the device against thermal overstress of the output driver stage. In case of an over-temperature event, the temperature sensor will disable the output driver stage (see Figure 1). After the device cools down the output driver stage is activated again (see Figure 7). Inside the temperature sensor a hysteresis is implemented. |