データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS16TW データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 BAS16TW
部品情報  Multi-Chip Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16TW データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS16TW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16TW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BAS16TW
Multi-Chip Switching Diode Array
75
http://www.SeCoSGmbH.com
Elektronische Bauelemente
A
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
Vdc
Peak Forward Current
IF
150
mAdc
Peak Forward Surge Current
IFM(surge)
400
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
200
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
250
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
BAS16TW = KA2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 75 Vdc)
(VR = 75 Vdc, TJ = 150°C)
(VR = 25 Vdc, TJ = 150°C)
IR
1.0
50
30
µAdc
Reverse Breakdown Voltage
(IBR = 100 µAdc)
V(BR)
75
Vdc
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
2.0
pF
Forward Recovery Voltage
(IF = 10 mAdc, tr = 20 ns)
VFR
1.75
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, RL = 100 Ω)
trr
4.0
ns
Stored Charge
(IF = 10 mAdc to VR = 5.0 Vdc, RL = 500 Ω)
QS
45
pC
1.FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FEATURES
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
01-J
an-2006 Rev. B
Page 1 of 2
SOT-363
Dimensions in inches and (millimeters)
.014(0.35)
.006(0.15)
.087(2.20)
.079(2.00)
.055(1.40)
.047(1.20)
.026TYP
(0.65TYP)
.096(2.45)
.085(2.15)
.021REF
(0.525)REF
.018(0.46)
.010(0.26)
.006(0.15)
.003(0.08)
.053(1.35)
.045(1.15)
.043(1.10)
.035(0.90)
.039(1.00)
.035(0.90)
.004(0.10)
.000(0.00)
8
o
o
0
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


同様の部品番号 - BAS16TW

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAS16TW DIODES-BAS16TW Datasheet
55Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. C-1
BAS16TW DIODES-BAS16TW Datasheet
354Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. 9 - 2
logo
Pan Jit International I...
BAS16TW PANJIT-BAS16TW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
488Kb / 2P
Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
BAS16TW MCC-BAS16TW Datasheet
178Kb / 2P
200mW Switching Diode
More results

同様の説明 - BAS16TW

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
logo
Weitron Technology
BAS16TDW WEITRON-BAS16TDW Datasheet
335Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
Surface Mount Switching Multi-Chip Diode Array
WIMN10 WEITRON-WIMN10 Datasheet
309Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com