データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD67124S データシート(PDF) 7 Page - Microsemi Corporation

部品番号 PD67124S
部品情報  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67124S データシート(HTML) 7 Page - Microsemi Corporation

Back Button PD67124S Datasheet HTML 3Page - Microsemi Corporation PD67124S Datasheet HTML 4Page - Microsemi Corporation PD67124S Datasheet HTML 5Page - Microsemi Corporation PD67124S Datasheet HTML 6Page - Microsemi Corporation PD67124S Datasheet HTML 7Page - Microsemi Corporation PD67124S Datasheet HTML 8Page - Microsemi Corporation PD67124S Datasheet HTML 9Page - Microsemi Corporation PD67124S Datasheet HTML 10Page - Microsemi Corporation PD67124S Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 6
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Pin Designations __________
The PD671xxx DIMMs have a fit/form based on a
JEDEC MO-161f outline.
Conventions used in the design are as follows:
Power and ground connections are
reproduced a number of times to carry
heavy currents.
Signals are categorized as analog (input
or output) or digital (input, output and
I/O).
All lines which are identified with an “x”
prefix are active when logical is low.
Refer to Figure 5.
Figure 5: Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14