データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLR3304 データシート(PDF) 5 Page - Protek Devices

部品番号 PLR3304
部品情報  ultra low capacitance steering diode/tvs array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR3304 データシート(HTML) 5 Page - Protek Devices

  PLR3304 Datasheet HTML 1Page - Protek Devices PLR3304 Datasheet HTML 2Page - Protek Devices PLR3304 Datasheet HTML 3Page - Protek Devices PLR3304 Datasheet HTML 4Page - Protek Devices PLR3304 Datasheet HTML 5Page - Protek Devices PLR3304 Datasheet HTML 6Page - Protek Devices PLR3304 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05273.R5 4/11
Page 5
PLR3304
dFn-10 Package inFoRMation
outLine diMensions
diM
MiLLiMeteRs
inches
Min
MaX
Min
MaX
A
0.45
0.55
0.017
0.021
A2
0.13 BSC
0.005 BSC
D
2.50
2.70
0.097
0.105
D2
2.10
2.20
0.083
0.085
E
2.50
2.70
0.097
0.105
E2
1.21
1.31
0.046
0.051
e
0.50 BSC
0.020 BSC
L
0.35
0.45
0.013
0.017
M
0.25
0.45
0.010
0.018
notes
1. Controlling dimension: millimeters.
2. Dimensioning and tolerances per ANSI Y14.M, 1985.
3. Coplanarity applies to the exposed pad as well as the terminals.
D
E
A2
A
e
E2
L
D2
M
1
5
10
6
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin 1 Reference
D
B
F
A
C
E
Pad Layout diMensions
diM
MiLLiMeteRs
inches
noMinaL
noMinaL
A
2.25
0.089
B
1.42
0.056
C
2.90
0.114
D
0.50 BSC
0.020 BSC
E
0.30
0.012
F
0.58
0.023
notes
1. Controlling dimension: millimeters.



Html Pages

1 2 3 4 5 6 7