| データシートサーチシステム |
|
PIC24F08KA102 データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KA102 データシート(HTML) 13 Page - Microchip Technology |
|
13 / 48 page ![]() PIC24FXXKAXXX © 2008 Microchip Technology Inc. Advance Information DS39919A-page 13 FIGURE 3-8: PROGRAM CODE MEMORY FLOW Start Write Sequence All locations done? No End Start Yes Load 2 Bytes to Write Buffer at <Addr> All bytes written? No Yes and Poll for WR bit to be Cleared N = 1 LoopCount = 0 Configure Device for Writes N = 1 LoopCount = LoopCount + 1 N = N + 1 |