| データシートサーチシステム |
|
EVM142AHF データシート(PDF) 13 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
EVM142AHF データシート(HTML) 13 Page - Semtech Corporation |
|
13 / 19 page ![]() 13 2000 Semtech Corp. www.semtech.com EDGE HIGH-PERFORMANCE PRODUCTS Edge142 Application Information (continued) EL11 Clock Spreader Tpd vs. 1%-99% Duty Cycle Duty Cycle [%] (Period=100 ns) -100 -80 -60 -40 -20 0 20 40 60 80 100 0 1 02 0 3 0 4 05 06 0 7 080 9 0 1 0 0 Tpd+ Error Tpd- Error Edge 142 Tpd+ vs. 1%-99% Duty Cycle Duty Cycle [%] (Period=100 ns) -100 -80 -60 -40 -20 0 20 40 60 80 100 0 1 0 2 03 04 0 5 06 07 0 809 0 1 0 0 Tpd+ Error, +0.1V Tpd+ Error, -0.1V Tpd+ Error, -0.3V Tpd+ Error, -0.7V Tpd+ Error, -0.9V Tpd+ Error, -1.1V Tpd+ Error, -1.3V REXT2=2.94K Edge 142 Tpd- vs. 1%-99% Duty Cycle Duty Cycle [%] (Period=100 ns) -100 -80 -60 -40 -20 0 20 40 60 80 100 0 1 0 2 03 04 0 5 06 07 0 809 0 1 0 0 Tpd- Error, +0.1V Tpd- Error, -0.1V Tpd- Error, -0.3V Tpd- Error, -0.7V Tpd- Error, -0.9V Tpd- Error, -1.1V Tpd- Error, -1.3V REXT2=2.94K Prop Delay vs. Duty Cycle The 142 shows very little change in propagation delay vs. input duty cycle. The following three charts show the variation in the prop delay of a rising edge and a falling edge as the duty cycle is varied from 1% to 99%. Since the input signal period is 100 ns, a 1% duty cycle corresponds to a 1 ns positive input pulse. A 99% duty cycle corresponds to a 1 ns negative input pulse. The first chart shows the Motorola 10EL11 clock spreader timing error for both the rising and falling edge. This information is used as a reference to compare the 142 against. The second and third charts show the 142 under identical conditions. The data is broken out into one chart for the rising edge and a separate chart for the falling edge. In addition, the timing error is listed over the entire delay range of the 142. |