データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8563P-F4 データシート(PDF) 37 Page - NXP Semiconductors

部品番号 PCF8563P-F4
部品情報  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563P-F4 データシート(HTML) 37 Page - NXP Semiconductors

Back Button PCF8563P-F4 Datasheet HTML 33Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 34Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 35Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 36Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 37Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 38Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 39Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 40Page - NXP Semiconductors PCF8563P-F4 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 16 June 2011
37 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
Fig 33. Package outline SOT505-1 (TSSOP8) of PCF8563TS
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.45
0.25
0.28
0.15
3.1
2.9
3.1
2.9
0.65
5.1
4.7
0.70
0.35
6
°
0
°
0.1
0.1
0.1
0.94
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.7
0.4
SOT505-1
99-04-09
03-02-18
w M
bp
D
Z
e
0.25
14
8
5
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
1.1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45