| データシートサーチシステム |
|
PCF8563T-F4 データシート(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563T-F4 データシート(HTML) 31 Page - NXP Semiconductors |
|
31 / 45 page ![]() PCF8563 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 9 — 16 June 2011 31 of 45 NXP Semiconductors PCF8563 Real-time clock/calendar 13. Dynamic characteristics [1] CL is a calculation of Ctrim and COSCO in series: . [2] Unspecified for fCLKOUT = 32.768 kHz. [3] All timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD. [4] A detailed description of the I2C-bus specification is given in Ref. 11 “UM10204”. [5] I2C-bus access time between two STARTs or between a START and a STOP condition to this device must be less than one second. Table 30. Dynamic characteristics VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Oscillator COSCO capacitance on pin OSCO 15 25 35 pF f osc/fosc relative oscillator frequency variation V DD =200 mV; Tamb =25 C -0.2 -ppm Quartz crystal parameters (f = 32.768 kHz) Rs series resistance - - 100 k CL load capacitance parallel [1] 7 - 12.5 pF Ctrim trimmer capacitance external; on pin OSCI 5- 25 pF CLKOUT output CLKOUT duty cycle on pin CLKOUT [2] -50 -% I2C-bus timing characteristics (see Figure 28)[3][4] fSCL SCL clock frequency [5] - - 400 kHz tHD;STA hold time (repeated) START condition 0.6 - - s tSU;STA set-up time for a repeated START condition 0.6 - - s tLOW LOW period of the SCL clock 1.3 - - s tHIGH HIGH period of the SCL clock 0.6 - - s tr rise time of both SDA and SCL signals standard-mode - - 1 s fast-mode - - 0.3 s tf fall time of both SDA and SCL signals - - 0.3 s Cb capacitive load for each bus line - - 400 pF tSU;DAT data set-up time 100 - - ns tHD;DAT data hold time 0 - - ns tSU;STO set-up time for STOP condition 0.6 - - s tw(spike) spike pulse width on bus - - 50 ns C L C trim C OSCO C trim C OSCO + ----------------------------------------- = |