| データシートサーチシステム |
|
YB216CWCKG01-5F-JS データシート(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
YB216CWCKG01-5F-JS データシート(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
8 / 8 page ![]() Series YB2 22mm Panel Seal Pushbuttons www.nkk.com D122 D Recommended Methods: Laser Etch on clear cap, Screen Print or Pad Print on cap. Epoxy based ink is recommended. Shaded Area is Printable Area for Caps AT3017, AT3018 and AT3019 (17.48) Dia .688 (19.0) Dia .748 (0.76) Typ .030 LEDs are electrostatic sensitive devices. When installing and handling LEDs, use an electrostatic protected work station to prevent LED damage. HANDLING & PRECAUTIONS LEGENDS (19.0) Dia .748 (1.56) Typ .062 (15.88) Dia .625 Shaded Area is Printable Area for Cap AT3020 (with clear ring for illumination) ATTENTION ELECTROSTATIC SENSITIVE DEVICES NKK Switches can provide custom legends for caps. Contact factory for more information. +(0.08) .0031 – (0.1) .0039 (17.4) .685 (15.88) .625 (0.76) Typ .030 (16.3) .642 (14.78) .582 (0.1) .0039 +/– (1.2) Typ .047 (0.6) R Typ .024 +(0.08) .0031 – (0.1) .0039 Shaded Area is Printable Area for Film Inserts Film Material and Thickness: Clear Polyester, 4 mil max. Recommended Print Method: Screen Print; Epoxy based ink is recommended |