データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2575T データシート(PDF) 12 Page - Semtech Corporation

部品番号 LM2575T
部品情報  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575T データシート(HTML) 12 Page - Semtech Corporation

Back Button LM2575T Datasheet HTML 8Page - Semtech Corporation LM2575T Datasheet HTML 9Page - Semtech Corporation LM2575T Datasheet HTML 10Page - Semtech Corporation LM2575T Datasheet HTML 11Page - Semtech Corporation LM2575T Datasheet HTML 12Page - Semtech Corporation LM2575T Datasheet HTML 13Page - Semtech Corporation LM2575T Datasheet HTML 14Page - Semtech Corporation LM2575T Datasheet HTML 15Page - Semtech Corporation LM2575T Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
The above component selections will be adequate for
most applications for output currents from 250mA to 3A
(LM2576) or 150mA to 1A (LM2575). Applications with
V
OUT below 5V or above 24V may require component
adjustment for maximum performance; please contact
factory for application assistance.
1. Device Selection. Select an appropriate device from
the “Ordering Information” guide based upon voltage
option and package.
2. Thermal Conditions. Most applications will not require
a heatsink for the TO-220 package. Approximate power
dissipation is:
IN
O
IN
IN
SAT
O
O
V
V
V
02
.
0
V
V
I
V
P
+
=
3. Catch Diode. If the output must be capable of a
sustained short, the I
F rating must be above 3A for the
LM2575 and 7A for the LM2576. The use of an ultra
fast diode with soft recovery characteristics or a Schottky
will be adequate. The major impact on the selection of a
Schottky versus an ultra fast diode is efficiency. Schottkys
will provide approximately 4% to 5% improvement for
V
OUTS below 12V, whereas above 12V the difference will
become less significant. Breakdown rating must be in
excess of V
IN for margin.
4. Input Capacitor. The value shown will be adequate for
most applications. Ripple voltage at the switching
frequency is caused by the input capacitor supplying load
current during the on time of the power switch. The use
of a low ESR switching type capacitor will minimize ripple
to an acceptable level.
5. Layout. Use short connections with a central point
ground to prevent improper operation caused by stray
inductance and ground loops.
6. Output Capacitor. Ripple voltage on V
OUT is directly
related to the value of C
OUT and the internal resistance
ESR of C
OUT. Output noise can be lowered by increasing
C
OUT or by selecting a capacitor with a lower ESR. ESR
must be a minimum of 0.03W for the LM2576 or 0.07W
for the LM2575 to maintain stability, otherwise raise the
value of C
OUT.
Applications Information - Buck Mode
5
7
5
2
M
L6
7
5
2
M
L
L
1
H
µ
0
3
3H
µ
0
0
1
D
1
A
3A
7
C
N
I
F
µ
8
6F
µ
0
2
1
C
T
U
O
F
µ
0
3
3F
µ
0
0
0
,
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com