データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2575S データシート(PDF) 17 Page - Semtech Corporation

部品番号 LM2575S
部品情報  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2575S データシート(HTML) 17 Page - Semtech Corporation

Back Button LM2575S Datasheet HTML 11Page - Semtech Corporation LM2575S Datasheet HTML 12Page - Semtech Corporation LM2575S Datasheet HTML 13Page - Semtech Corporation LM2575S Datasheet HTML 14Page - Semtech Corporation LM2575S Datasheet HTML 15Page - Semtech Corporation LM2575S Datasheet HTML 16Page - Semtech Corporation LM2575S Datasheet HTML 17Page - Semtech Corporation LM2575S Datasheet HTML 18Page - Semtech Corporation LM2575S Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
Pre-Wound Inductors:
Hurricane Electronics Lab
P.O. Box 1280
Hurricane Industrial Park
Hurricane, UT 84737
(801) 635-2003
Core Source:
Micro Metals, Inc.
1190 N. Hawk Circle
Anaheim, CA 92807
(714) 630-7420
Capacitors:
VPR Series
Mallory Capacitor Co.
4760 Kentucky Avenue
Indianapolis, IN 46241
(317) 856-3731
511D & 673 Series
Sprague Electric Co.
North Adams, MA
(413) 664-4411
HFQ, HFZ Series
Panasonic Industrial Co.
2 Panasonic Way
Secaucus, NJ 07094
(201) 392-6142
PF, PL Series
Nichicon Corp.
927 E. State Pkwy.
Schaumburg, IL 60195
(708) 843-7600
LXF Series
United Chemi-con
9801 West Higgins Road
Rosemont, IL 60018
(708) 696-2000
Heat Sinks:
AAVID Engineering Co.
P.O.Box 400
One Kool Path
Laconia, NH 03247
(603) 528-3400
Thermalloy, Inc.
2021 W. Valley View Lane
Dallas, TX 76381
(214) 243-4321
Diodes - Catch:
Ultra Fast/Soft Recovery
Semtech Corporation
652 Mitchell Road
Newbury Park, CA 91320
(805) 498-2111
Diodes - Schottky:
Fuji/Collmer Semiconductor
14368 Proton Road
Dallas, TX 76244
(800) 527-0521
Micro Quality
1000 N. Shiloh
Garland, TX 76046
(214) 272-7811
Support Components Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com