| データシートサーチシステム |
|
MSP430F167IPMR データシート(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F167IPMR データシート(HTML) 60 Page - Texas Instruments |
|
60 / 77 page ![]() MSP430F15x, MSP430F16x, MSP430F161x MIXED SIGNAL MICROCONTROLLER SLAS368G − OCTOBER 2002 − REVISED MARCH 2011 60 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematics (continued) port P5, P5.3, input/output with Schmitt trigger P5.3/UCLK1 P5IN.3 Pad Logic EN D P5OUT.3 P5DIR.3 P5SEL.3 0 1 0 1 DCM_SIMO SYNC MM STE STC UCLK1 From USART1 UCLK1 To USART1 0: Input 1: Output NOTE: UART mode: The UART clock can only be an input. If UART mode and UART function are selected, the P5.3/UCLK1 direction is always input. SPI, slave mode: The clock applied to UCLK1 is used to shift data in and out. SPI, master mode: The clock to shift data in and out is supplied to connected devices on pin P5.3/UCLK1 (in slave mode). |