| データシートサーチシステム |
|
SC1109CSTR データシート(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1109CSTR データシート(HTML) 1 Page - Semtech Corporation |
|
1 / 17 page ![]() SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS © 2000 SEMTECH CORP. PRELIMINARY - October 16, 2000 SC1109 1 TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com DESCRIPTION The SC1109 was designed for the latest high speed motherboards. It combines a synchronous voltage mode controller (switching section) with two low-dropout linear regulator controllers. The voltage mode controller provides the power supply for the system AGTL bus. The 1.8V and 2.5V linear controllers power the Chipset and clock circuitry. The SC1109 switching section features lossless current sensing and latched driver outputs for enhanced noise immunity. It operates at a fixed frequency of 200kHz, the output voltage is internally fixed at 1.2V The SC1109 linear sections are low dropout regulators designed to track the 3.3V power supply when it turns on or off. Pentium is a registered trademark of Intel Corporation FEATURES • 1.8V, 2.5V linear controllers • LDOs track input voltage within 200mV until regulation • Integrated drivers • Power Good Signal • Soft Start • Lossless Current Sense APPLICATIONS • Pentium® III Motherboards • Triple power supplies ORDERING INFORMATION Part Number (1) Package Linear Voltage Temp. Range (T J) SC1109CSTR SO-16 1.8V/2.5V 0° to 125°C SC1109EVB Evaluation Board Note: (1) Only available in tape and reel packaging. A reel contains 1000 devices. Q2 C1 0.1uF L1 4uH POWER GOOD Q4 C6 0.1uF Q3 C9 0.1uF C8 0.1uF + C12 330uF + C2 2x1500uF 5V IN + C7 3x1500uF 2.5V C4 0.1uF 5V STBY C3 0.1uF + C11 330uF VTT + C10 330uF U4 SC1109CS 13 5 3 7 6 8 10 12 14 4 11 9 15 1 2 16 PWRGD BCAP- STBY PHASE GND DH BST VOSENSE SS/EN BCAP+ VCC DL GATE2 GATE1 LDOS1 LDOS2 1.2V 6A C5 0.1uF 3.3V IN R1 2.2 1.8V Q1 12V IN R2 2.2 TYPICAL APPLICATION CIRCUIT |
同様の部品番号 - SC1109CSTR |
|
同様の説明 - SC1109CSTR |