| データシートサーチシステム |
|
SC1150CS データシート(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1150CS データシート(HTML) 1 Page - Semtech Corporation |
|
1 / 6 page ![]() SC1150 © 1998 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA PROGRAMMABLE DC/DC CONTROLLER March 11, 1998 1 Pentium is a registered trademark of Intel Corporation TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com DESCRIPTION The SC1150 voltage mode controller contains most of the circuitry necessary to implement a DC/DC converter for powering the Intel Pentium ® Pro microprocessor, both in single and multiple processor configurations. The SC1150 features an integrated D/A converter, pulse by pulse current limiting, integrated power good signaling, logic compatible shutdown and on-board over voltage protection (OVP). The SC1150 operates at a fixed frequency of 200kHz, providing an optimum compromise between size, effi- ciency and cost in the intended application areas. The integrated D/A converter provides programmability of output voltage from 2.0V to 3.5V in 100mV incre- ments with no external components. Both the range and the increment value may be changed by adding ex- ternal components. The SC1150 provides an OVP output which can be used to trigger a crowbar circuit for true over voltage protection. FEATURES • 85% efficiency • 4 bit DAC for output programmability • On chip power good and OVP functions • Meets Intel Pentium® Pro VRM8.0 specifications APPLICATIONS • Pentium® Pro Processor supplies • Pentium® Pro Processor VRM modules • 2.0V to 3.5V microprocessor supplies • Programmable power supplies BLOCK DIAGRAM VCC VCC 1.00V to 1.75V ERROR AMP OSCILLATOR LEVEL SHIFT AND DRIVE 1.25V REF D/A + - + - CURRENT LIMIT + - + - CSm VID0 VID2 VID1 VID3 VOSENSE PWRGOOD BST DH VCC SHUTDOWN OVP GND FB PGND R S Q + - 70mV CSp + - B16997B PIN CONFIGURATION 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 PWRGOOD VID0 VID1 VID2 VID3 BST DH VOSENSE GND SHUTDOWN PGND VCC CSp CSm OVP FB ABSOLUTE MAXIMUM RATINGS Parameter Symbol Maximum Units V CC to GND V IN -0.3 to 7 V PGND to GND ± 1 V BST to GND -0.3 to 15 V Operating Temperature Range T A 0 to 70 °C Storage Temperature Range T STG -65 to +150 °C Lead Temperature (Soldering) 10 sec T LEAD 300 °C ORDERING INFORMATION DEVICE (1) PACKAGE TEMP RANGE (T J) SC1150CS SO-16 0 - 125°C Note: (1) Add suffix ‘TR’ for tape and reel. |
同様の部品番号 - SC1150CS |
|
同様の説明 - SC1150CS |