| データシートサーチシステム |
|
TMP320LC2401AVFS データシート(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2401AVFS データシート(HTML) 47 Page - Texas Instruments |
|
47 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 47 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 clock domains (continued) Table 9. Low-Power Modes Summary LOW-POWER MODE LPMx BITS SCSR1 [13:12] CPU CLOCK DOMAIN SYSTEM CLOCK DOMAIN WDCLK STATUS PLL STATUS OSC STATUS FLASH POWER EXIT CONDITION CPU running normally XX On On On On On On — IDLE1 − (LPM0) 00 Off On On On On On Peripheral Interrupt, External Interrupt, Reset, PDPINTA IDLE2 − (LPM1) 01 Off Off On On On On Wakeup Interrupts, External Interrupt, Reset, PDPINTA HALT − (LPM2) [PLL/OSC power down] 1X Off Off Off Off Off Off† Reset, PDPINTA † The Flash must be powered down by the user code prior to entering LPM2. For more details, see the TMS320LF/LC240xA DSP Controllers Reference Guide: System and Peripherals (literature number SPRU357). other power-down options 2401A devices have clock-enable bits to the following on-chip peripherals: ADC, SCI, and EVA. Clock to these peripherals are disabled after reset; thus, start-up power can be low for the device. Depending on the application, these peripherals can be turned on/off to achieve low power. Refer to the SCSR1 register for details on the peripheral clock enable bits. |