データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P1686-S08-R データシート(PDF) 6 Page - Unisonic Technologies

部品番号 P1686-S08-R
部品情報  600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1686-S08-R データシート(HTML) 6 Page - Unisonic Technologies

  P1686-S08-R Datasheet HTML 1Page - Unisonic Technologies P1686-S08-R Datasheet HTML 2Page - Unisonic Technologies P1686-S08-R Datasheet HTML 3Page - Unisonic Technologies P1686-S08-R Datasheet HTML 4Page - Unisonic Technologies P1686-S08-R Datasheet HTML 5Page - Unisonic Technologies P1686-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P1686
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R103-039.C
TYPICAL APPLICATION CIRCUIT
APPLICATION CIRCUIT
Design Example: 16V to 5V at 2A
1
2
7
8
3
5
6
4
SW
FB
COMP
SYNC
EN
IN
UTC P1686
R3
3.4k
D2
C4
3.3n
C5
180p
L1
8.2uH
R1
31.6k
R2
10k
GND
BS
C2
10u
VO=5V
D3
C1
0.22u
R4
4.75K
C3
10u
VIN=16V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6