データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC1652 データシート(PDF) 2 Page - Semtech Corporation

部品番号 SC1652
部品情報  MICROPOWER INVERTING DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1652 データシート(HTML) 2 Page - Semtech Corporation

  SC1652 Datasheet HTML 1Page - Semtech Corporation SC1652 Datasheet HTML 2Page - Semtech Corporation SC1652 Datasheet HTML 3Page - Semtech Corporation SC1652 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
MICROPOWER INVERTING
DC-DC CONVERTER
SC1652
January 29, 1998
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, T
A = 25°C, V
+ = 5V
Test Conditions
Test Limits
Parameter
Min
Typ
Max
Units
Input Voltage
2.4
7
V
Switch Off Current
80
150
µA
Shutdown Mode Current
0.7
2
µA
V
REF Voltage
I
SOURCE=250µA
1.16
1.22
1.28
V
V
REF Source Current
250
µA
DLOW “ON Resistance”
5
Ω
DHI “ON Resisance”
7
Ω
CL Threshold
45
60
75
mV
Shutdown Threshold
0.8
1.5
2.4
V
TYPICAL PERFORMANCE CHARACTERISTICS
TYPICAL APPLICATION CIRCUIT
to
.
.
to



Html Pages

1 2 3 4