| データシートサーチシステム |
|
SC1660 データシート(PDF) 1 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1660 データシート(HTML) 1 Page - Semtech Corporation |
|
1 / 4 page ![]() © 1997 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 SWITCHED CAPACITOR VOLTAGE CONVERTER SC1660 January 30, 1998 Note: (1) Add suffix ‘TR’ for tape and reel. FEATURES • Improved direct replacement for 7660 • Easy to use • 1.5V to 9V operation • No external diode required • Simple conversion of +5V to ±5V • Low quiescent current • High power efficiency • Boost pin for higher switching frequency DESCRIPTION The SC1660 is a monolithic CMOS switched capacitor voltage converter. Designed to be an improved direct replacement for the popular 7660, the SC1660 provides performance superior to previous designs by combining low quiescent current with high efficiency, and by eliminating diode drop voltage losses. The only required external components are two low cost electrolytic capacitors. TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com TEST CIRCUIT APPLICATIONS • RS-232 power supplies • Handheld instruments • Data acquisition systems • Supply splitter, V OUT = ±VS/2 • Operational amplifier supplies DEVICE (1) PACKAGE SC1660CN 8-Pin DIP SC1660CS SO-8 ORDERING INFORMATION ABSOLUTE MAXIMUM RATINGS Parameter Symbol Maximum Units Supply Voltage V + 9.0 V Operating Temperature Range T A -40 to 85 °C Storage Temperature Range T STG -65 to 125 °C PIN CONFIGURATION |
同様の部品番号 - SC1660 |
|
同様の説明 - SC1660 |