| データシートサーチシステム |
|
GL561 データシート(PDF) 3 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
GL561 データシート(HTML) 3 Page - Sharp Corporation |
|
3 / 3 page ![]() 0 255075 100 20 0 40 60 80 100 120 140 160 180 200 0.1 0.001 1 10 100 0.010 0.100 1.000 80 60 40 20 100 + 90˚ + 80˚ + 70˚ + 50˚ + 60˚ + 40˚ + 30˚ + 20˚ + 10˚ 0˚ - 30˚ - 10˚ - 20˚ - 40˚ - 50˚ - 60˚ - 70˚ - 80˚ - 90˚ 0 (Ta = 25˚C) 0 - 90˚ - 80˚ - 70˚ - 60˚ - 50˚ - 40˚ - 20˚ - 10˚ - 30˚ 0˚ + 10˚ + 20˚ + 30˚ + 40˚ + 60˚ + 50˚ + 70˚ + 80˚ + 90˚ 100 20 40 60 80 1.000 0.100 0.010 100 10 1 0.001 0.1 A PD410PI -25 IF = 20mA IF = 20mA (Ta = 25˚C) Ta = 25˚C Ta = 25˚C Fig. 7 Relative Radiant Output vs. Ambient Temperature (Detector : PD410PI) Fig. 8 Radiant Intensity vs. Forward Current Fig. 9 Relative Output vs. Distance (Detector : PD410PI) Fig. 10 Relative Output vs. Distance (Detector : PD49PI) Ambient temperature Ta (˚C ) Forward current I F (mA) Distance d (mm) Distance d (mm) Angular displacement θ Angular displacement θ GL560/GL561 Measuring circuit Please refer to the chapter "Precautions for Use". (Page 78 to 93) GL561 GL560 GL561 GL560 1000 100 10 1 0.1 0.01 0.1 1 10 100 1000 Ta = 25˚C Pulse width 100 µ s Duty ratio=0.01 :DC : Pulse GL561 GL560 GL560/GL561 Fig. 11-a Radiation Diagram (GL560) Fig. 11-b Radiation Diagram (GL561) q |