| データシートサーチシステム |
|
DP0150ALP4-7 データシート(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DP0150ALP4-7 データシート(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() DP0150ALP4 / DP0150BLP4 Document number: DS31493 Rev. 4 - 2 4 of 5 www.diodes.com January 2011 © Diodes Incorporated DP0150ALP4 / DP0150BLP4 0.1 1 10 100 V , REVERSE VOLTAGE (V) R Fig. 7 Typical Capacitance Characteristics 0 1 10 100 Cibo C obo f = 1MHz 0 50 100 150 200 250 02 4 6 8 10 -I , COLLECTOR CURRENT (mA) C Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current V = -6V f = 30MHz CE Package Outline Dimensions Suggested Pad Layout DFN1006H4-3 Dim Min Max Typ A 0.95 1.075 1.00 B 0.55 0.675 0.60 C 0.45 0.55 0.50 D 0.20 0.30 0.25 G ⎯ 0.40 ⎯ H 0 0.05 0.02 K 0.10 0.20 0.15 L 0.20 0.30 0.25 M ⎯ ⎯ 0.35 N ⎯ ⎯ 0.40 All Dimensions in mm Dimensions Value (in mm) Z 1.1 G1 0.3 G2 0.2 X 0.7 X1 0.25 Y 0.4 C 0.7 D H B C L N A M K G Y C G1 G2 X X 1 Z |