| データシートサーチシステム |
|
AP02002 データシート(PDF) 35 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 データシート(HTML) 35 Page - Diodes Incorporated |
|
35 / 36 page ![]() AP02002 Rev. 50 35 of 36 www.diodes.com Package Outline Dimensions © Diodes Incorporated TO220AB TO220AB Dim Min Typ Max A 3.56 - 4.82 A1 0.51 - 1.39 A2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 D 14.22 - 16.51 D1 8.39 - 9.01 e 2.54 e1 5.08 E 9.66 - 10.66 H1 5.85 - 6.85 L 12.70 - 14.73 L1 - - 6.35 P 3.54 - 4.08 Q 2.54 - 3.42 All Dimensions in mm TO220AC TO220AC Dim Min Typ Max A 3.56 - 4.82 A1 0.51 - 1.39 A2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 D 14.22 - 16.51 D1 8.39 - 9.01 e1 5.08 E 9.66 - 10.66 H1 5.85 - 6.85 L 12.70 - 14.73 L1 - - 6.35 P 3.54 - 4.08 Q 2.54 - 3.42 All Dimensions in mm TO3P / TO247 TO3P / TO247 Dim Min Max A 1.9 2.1 B 4.85 5.15 C 20.3 21.75 D 19.60 20.1 E 2.2 2.6 G 0.51 0.76 H 15.45 16.25 J 1.93 2.18 K 2.9 ∅ 3.2 ∅ L 3.78 4.38 M 5.2 5.7 N 1.0 1.4 P 1.8 2.2 Q 2.8 3.2 S 4.4 Typ All Dimensions in mm A A1 c D E b e1 b2 P H1 Q L1 A2 e D1 *Guaranteed by TO-220AB leadframe design A A1 c D E b e1 b2 P H1 Q L1 A2 D1 A B E G J L M N P Q K S M H D C |