データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8221 データシート(PDF) 38 Page - ams AG

部品番号 AS8221
部品情報  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8221 データシート(HTML) 38 Page - ams AG

Back Button AS8221_2 Datasheet HTML 33Page - ams AG AS8221_2 Datasheet HTML 34Page - ams AG AS8221_2 Datasheet HTML 35Page - ams AG AS8221_2 Datasheet HTML 36Page - ams AG AS8221_2 Datasheet HTML 37Page - ams AG AS8221_2 Datasheet HTML 38Page - ams AG AS8221_2 Datasheet HTML 39Page - ams AG AS8221_2 Datasheet HTML 40Page - ams AG AS8221_2 Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
AS8221
Datasheet - Pack a ge Drawin gs and Ma r k ings
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
38 - 41
11 Package Drawings and Markings
The device is available in a SSOP20 Package.
Figure 20. Package Drawings and Dimensions
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
Marking: YYWWIXX.
YY
WW
I
XX
Last two digits of the current year
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A-
-
2.00
A1
0.05
-
-
A2
1.65
1.75
1.85
b0.22
-
0.38
c0.09
-
0.25
D
6.90
7.20
7.50
E
7.40
7.80
8.20
E1
5.00
5.30
5.60
e
-
0.65 BSC
-
L
0.55
0.75
0.95
L1
-
1.25 REF
-
L2
-
0.25 BSC
-
R0.09
-
-
Θ
0º
4º
8º
N20
AS8221
YYWWIXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41