データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GP1A57HR データシート(PDF) 1 Page - Sharp Corporation

部品番号 GP1A57HR
部品情報  Wide Gap Type OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A57HR データシート(HTML) 1 Page - Sharp Corporation

  GP1A57HR Datasheet HTML 1Page - Sharp Corporation GP1A57HR Datasheet HTML 2Page - Sharp Corporation GP1A57HR Datasheet HTML 3Page - Sharp Corporation GP1A57HR Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1A57HR
GP1A57HR
Wide Gap Type OPIC Photointerrupter
s Features
s Applications
s Outline Dimensions
( Unit : mm)
1. Wide gap between LED and detector ( 10mm )
2. High accuracy mounting type with
positioning pin
4. PWB mounting type package
3. Facsimiles
s Absolute Maximum Ratings
(Ta = 25˚C )
Amp.
(15k
Ω )
diagram
Internal connection
18.6
10.0
C0.3
(1.5)
(15.2)
Slit width
C1.0
(1.27)
(1.25 )
8.95
Voltage
regulator
1
3
4
5
2
5 GND
1 Anode
2 Cathode
0.1
5- 0.45
5- 0.4
34
5
*Tolerance:± 0.2mm
*( ) : Reference dimensions
1
2
3. Built-in schmidt-trigger circuit
2. OA equipmet, such as copiers etc.
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Supply voltage
V CC
- 0.5 to + 17
V
Output current
IO
50
mA
Power dissipation
P O
250
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*2 Soldering temperature
Tsol
260
˚C
(Detector side )
*2 For 5 seconds
1. Cameras, video cameras
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“ OPIC” ( Optical IC ) is a trademark of the SHARP Corporation.
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
*1 Pulse width<=100
µs, Duty ratio = 0.01
3 VCC
4 V O
1.8
± 0.1
φ 0.7
φ 1.5


同様の部品番号 - GP1A57HR

メーカー部品番号データシート部品情報
logo
Sharp Corporation
GP1A57HRJ00F SHARP-GP1A57HRJ00F Datasheet
152Kb / 12P
Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
More results

同様の説明 - GP1A57HR

メーカー部品番号データシート部品情報
logo
Sharp Corporation
GP1A17 SHARP-GP1A17 Datasheet
60Kb / 4P
Wide Gap Type, OPIC Photointerrupter
GP1A50HR SHARP-GP1A50HR Datasheet
82Kb / 5P
OPIC Photointerrupter
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
OPIC Photointerrupter
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
OPIC Photointerrupter
GP1L03 SHARP-GP1L03 Datasheet
60Kb / 4P
Wide Gap Type Photointerrupter
GP1L57 SHARP-GP1L57 Datasheet
49Kb / 4P
Wide Gap Type Photointerrupter
GP1S05 SHARP-GP1S05 Datasheet
128Kb / 4P
WIDE GAP HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1L06 SHARP-GP1L06 Datasheet
143Kb / 4P
WIDE GAP TYPE, HIGH SENSITIVITY PHOTOINTERRUPTER
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com