データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GP1A58HR データシート(PDF) 1 Page - Sharp Corporation

部品番号 GP1A58HR
部品情報  OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A58HR データシート(HTML) 1 Page - Sharp Corporation

  GP1A58HR Datasheet HTML 1Page - Sharp Corporation GP1A58HR Datasheet HTML 2Page - Sharp Corporation GP1A58HR Datasheet HTML 3Page - Sharp Corporation GP1A58HR Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1A58HR
GP1A58HR
s Absolute Maximum Ratings
(Ta = 25˚C )
2. PWB mounting type
1. OA equipment such as printers, facsimiles, etc.
2. VCRs
s Applications
*1 Pulse width<= 100
µ s, Duty ratio= 0.01
*2 For 5 seconds
Paramerter
Symbol
Rating
Unit
Input
Forward currnt
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
6
V
Power dissipation
P
75
mW
Output
Supply voltage
V CC
- 0.5 to + 17
mA
Output current
IO
50
mA
Power dissipation
P O
250
mW
T opr
- 25 to + 85
˚C
T stg
- 40 to + 100
˚C
*2Soldering temperature
T sol
260
˚C
s Features
( Unit : mm)
Slit width
C1.0
0.5
5.2
(10.3)
1
2
3
(Both sides of
detector and
emitter )
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0< d<=18.0
± 0.2
Voltage regulator
Amp.
15k
Internal connection
diagram
1
23
4
5
1 Anode
2 Cathode
5 GND
5
(1.27 )
(1.27
2-
φ 0.7
)
(1.5
6.5
2.5
)
4
OPIC Photointerrupter
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“OPIC” ( Optical IC ) is a trademark of the SHARP Corporation.
1. High sensing accuracy ( Slit width: 0.5mm )
s Outline Dimensions
* Unspecified tolerances
shall be as follows ;
* ( ) : Reference dimensions
Operating temperature
Storage temperature
V R
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
3 VCC
4 V O
13.7
± 0.3
5 - 0.4
+ 0.3
- 0.1
5 - 0.45
+ 0.3
- 0.1
5.0
+
0.2
- 0.1


同様の部品番号 - GP1A58HR

メーカー部品番号データシート部品情報
logo
Sharp Corporation
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results

同様の説明 - GP1A58HR

メーカー部品番号データシート部品情報
logo
Sharp Corporation
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
OPIC Photointerrupter with Connetor
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
OPIC Photointerrupter with Connector
GP1A50HR SHARP-GP1A50HR Datasheet
82Kb / 5P
OPIC Photointerrupter
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
OPIC Photointerrupter
GP1A67L SHARP-GP1A67L Datasheet
54Kb / 4P
Subminiature OPIC Photointerrupter
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
OPIC Photointerrupter with Connector
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com