| データシートサーチシステム |
|
XG8B データシート(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XG8B データシート(HTML) 4 Page - Omron Electronics LLC |
|
4 / 10 page ![]() 66 IDC Sockets for Discrete Wires XG5 Semi-covers ■ XG5S Semi-covers are used to cover the IDC termination area and insulation barrels, after wiring is completed. If the entire socket needs to covered, use XG5S Hood Covers. Dimensions Ordering Information Note: One Semi-cover is used per termination row. Each XG5M Connector requires two semi-covers. Semi-covers are not packaged in pairs. Assembled Dimensions (Socket with Semi-cover) XG5S- @@01 Dimensions No. of contacts Dimensions (mm) A 5 17.3 7 22.3 8 24.9 10 30.0 13 37.6 15 42.7 17 47.7 20 55.4 25 68.1 30 80.8 32 85.8 No. of contacts Model Applicable Connector 5 XG5S-0501 XG5M103 @-N 7 XG5S-0701 XG5M-143 @-N 8 XG5S-0801 XG5M-163 @-N 10 XG5S-1001 XG5M-203 @-N 13 XG5S-1301 XG5M-263 @-N 15 XG5S-1501 XG5M-303 @-N 17 XG5S-1701 XG5M-343 @-N 20 XG5S-2001 XG5M-403 @-N 25 XG5S-2501 XG5M-503 @-N 30 XG5S-3001 XG5M-603 @-N 32 XG5S-3201 XG5M-643 @-N Dimensions No. of contacts Dimensions (mm) AB 10 17.3 32.0 14 22.3 37.1 16 24.9 39.6 20 30.0 44.7 26 37.6 52.3 30 42.7 57.4 34 47.7 62.5 40 55.4 70.1 50 68.1 82.8 60 80.8 95.5 64 85.8 100.6 MIL Plug + Semi-cover Original Plug + Semi-cover + Lock Lever |