データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5KP22 データシート(PDF) 2 Page - Micro Commercial Components

部品番号 5KP22
部品情報  5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

5KP22 データシート(HTML) 2 Page - Micro Commercial Components

  5KP22 Datasheet HTML 1Page - Micro Commercial Components 5KP22 Datasheet HTML 2Page - Micro Commercial Components 5KP22 Datasheet HTML 3Page - Micro Commercial Components 5KP22 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25
°C
MCC PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @ IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM REVERSE
LEAKAGE @VWM
ID
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
5KP5.0
5KP5.0C
5.0
6.40
7.30
50
9.6
520
2000
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
9.2
543
2000
5KP6.0
5KP6.0C
6.0
6.67
8.15
50
11.4
439
5000
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
10.3
485
5000
5KP6.5
5KP6.5C
6.5
7.22
8.82
50
12.3
407
2000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
447
2000
5KP7.0
5KP7.0C
7.0
7.78
9.51
50
13.3
378
1000
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
12.0
417
1000
5KP7.5
5KP7.5C
7.5
8.33
10.2
5
14.3
350
250
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
388
250
5KP8.0
5KP8.0C
8.0
8.89
10.9
5
15.0
333
150
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
13.6
367
150
5KP8.5
5KP8.5C
8.5
9.44
11.5
5
15.9
314
50
5KP8.5A
5KP8.5CA
8.5
9.44
10.4
5
14.4
347
50
5KP9.0
5KP9.0C
9.0
10.0
12.2
5
16.9
295
20
5KP9.0A
5KP9.0CA
9.0
10.0
11.1
5
15.4
325
20
5KP10
5KP10C
10
11.1
13.6
5
18.8
266
15
5KP10A
5KP10CA
10
11.1
12.3
5
17.0
294
15
5KP11
5KP11C
11
12.2
14.9
5
20.1
249
10
5KP11A
5KP11CA
11
12.2
13.5
5
18.2
274
10
5KP12
5KP12C
12
13.3
16.3
5
22.0
227
10
5KP12A
5KP12CA
12
13.3
14.7
5
19.9
251
10
5KP13
5KP13C
13
14.4
17.6
5
23.8
210
10
5KP13A
5KP13CA
13
14.4
15.9
5
21.5
232
10
5KP14
5KP14C
14
15.6
19.1
5
25.8
194
10
5KP14A
5KP14CA
14
15.6
17.2
5
23.2
215
10
5KP15
5KP15C
15
16.7
20.4
5
26.9
188
10
5KP15A
5KP15CA
15
16.7
18.5
5
24.4
206
10
5KP16
5KP16C
16
17.8
21.8
5
28.8
176
10
5KP16A
5KP16CA
16
17.8
19.7
5
26.0
192
10
5KP17
5KP17C
17
18.9
23.1
5
30.5
164
10
5KP17A
5KP17CA
17
18.9
20.9
5
27.6
181
10
5KP18
5KP18C
18
20.0
24.4
5
32.2
155
10
5KP18A
5KP18CA
18
20.0
22.1
5
29.2
172
10
5KP20
5KP20C
20
22.2
27.1
5
35.8
139
10
5KP20A
5KP20CA
20
22.2
24.5
5
32.4
154
10
5KP22
5KP22C
22
24.4
29.8
5
39.4
127
10
5KP22A
5KP22CA
22
24.4
26.9
5
35.5
141
10
Figure 4 - Derating Curve
Peak Pulse Power (% PPP) - Versus - Temperature °C
Temperature
°C
0
50
100
150
% PPP
50
100
Typical Capacitance (pf) – versus – Breakdown voltage
Figure 3 - Typical Capacitance
1
10
100
1000
100
1,000
10,000
pf
VBR
100,000
Measured at
zero bias
Measured at
standoff voltage
MCC
5KP5.0(C) thru 5KP250(C)A
Revision: B
2011/07/26
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
UNI-POLAR
BI-POLAR



Html Pages

1 2 3 4