| データシートサーチシステム |
|
C232HM データシート(PDF) 5 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
C232HM データシート(HTML) 5 Page - Future Technology Devices International Ltd. |
|
5 / 18 page ![]() Copyright © 2011 Future Technology Devices International Limited 4 Document Reference No.: FT_000401 USB 2.0 HI-SPEED TO MPSSE CABLE Datasheet Version 1.0 Clearance No.: FTDI# 214 2 Typical Applications USB to JTAG interfaces USB to SPI interfaces USB to I2C interfaces Interfacing MCU / PLD / FPGA based designs to USB USB Audio and Low Bandwidth Video data transfer Rapid USB integration into existing electronic systems Prototyping platform for USB interface on new systems USB Instrumentation 2.1 Driver Support Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) Windows 98, 98SE, ME, 2000, Server 2003, XP and Server 2008 Windows XP and XP 64-bit Windows 7 and Windows 7 64-bit Windows Vista and Vista 64-bit Windows CE 4.2, 5.0 and 6.0 Linux 2.4.20 and greater The drivers listed above are all available to download for free from http://www.ftdichip.com. Various Third-Party Drivers are also available for various other operating systems - see http://www.ftdichip.com/Support/Links.htm for details. |