データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K5ATYE43GPR データシート(PDF) 2 Page - C&K Components

部品番号 K5ATYE43GPR
部品情報  Lighted SMT Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K5ATYE43GPR データシート(HTML) 2 Page - C&K Components

  K5ATYE43GPR Datasheet HTML 1Page - C&K Components K5ATYE43GPR Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
K5AT
Lighted SMT Tact Switch
K5AT
1,8
1,8
0,8
Ø6,56
1,1
8,4
8,3
Ø 0,8
Ø 1,1
Hole Ø 1,25
Hole Ø 0,95
2,6
2,6
2,6
2,6
PCB LAYOUT
TOP VIEW
ELECTRICAL GRAPH
2
5
4
1 2 3
5 4
Force
Plating
Shift
LED
Year
Day of year
0,1
431A6201
1
3
1
3
B
B
Ø1,5
4
12
12
5,6
6,65
8,15
8,8
Notes :
- 1 - 10 sprocket hole pitch cumulative tolerance ±0.2
- 2 - Carrier camber is within 1 mm in 250 mm
- 3 - Material : transparent Polystyrene Alloy (P.S)
- 4 - Thickness : 0,5 ± 0,05 mm
- 5 - Packaging length per reel : 12.5 meters
-6 - Component load per reel : 900 pcs
See note 3
SECTION B-B
Ø380
Ø50
B–46
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B



Html Pages

1 2