データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YM06132CWCNQ データシート(PDF) 3 Page - C&K Components

部品番号 YM06132CWCNQ
部品情報  4 Tumbler Miniature Switchlocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

YM06132CWCNQ データシート(HTML) 3 Page - C&K Components

  YM06132CWCNQ Datasheet HTML 1Page - C&K Components YM06132CWCNQ Datasheet HTML 2Page - C&K Components YM06132CWCNQ Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L–17
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
L
All models
with all options when ordered with ‘Q’ contact material.
YM Series
4 Tumbler Miniature Switchlocks
TERMINATIONS
MOUNTING STYLE
CONTACT MATERIAL
AVAILABLE HARDWARE
PANEL MOUNTING
.420
(10,67)
.472 DIA.
(11,99 )
Panel thickness:
.300 (7,62) max.
N
WITH NUT
WC
WIRE LEAD
05
QUICK CONNECT
Nut part number: 179090123
Black wire standard, other colors and
lengths available, consult Customer
Service Center. UL style 1015.
Key Code: 0029
PART NO. (ONE KEY)
960B10029
Material: Brass
Finish: Nickel plate
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 AC V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
1



Html Pages

1 2 3