| データシートサーチシステム |
|
MBRF2090CT データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
MBRF2090CT データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1 / 2 page ![]() CREAT BY ART UL Recognized File # E-326243 Low power loss, high efficiency High current capability, low forward voltage drop Guard-ring for overvoltage protection Mechanical Data MBRF20XXCT = Specific Device Code G = Green Compound Y = Year WW = Work Week Maximum Ratings and Electrical Characteristics Rating at 25 ℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF 2035 CT MBRF 2045 CT MBRF 2050 CT MBRF 2060 CT MBRF 2080 CT MBRF 2090 CT MBRF 20100 CT MBRF 20150 CT MBRF 20200 CT Unit VRRM 35 45 50 60 80 90 100 150 200 V VRMS 24 31 35 42 56 63 70 105 140 V VDC 35 45 50 60 80 90 100 150 200 V IRRM A 0.80 0.65 1.00 0.75 30 dV/dt V/us Cj pF RθjC OC/W TJ OC TSTG OC 10000 mA V 0.85 1.05 0.95 0.70 15 10 0.95 0.80 0.95 A IF(AV) A IFSM 20 20 150 Maximum Instantaneous Forward Voltage (Note 2) IF=10A, TA=25℃ IF=10A, TA=125℃ IF=20A, TA=25℃ IF=20A, TA=125℃ VF 0.84 IFRM Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC method) Plastic material used carriers Underwriters Laboratory Classification 94V-0 Weight: 1.7 grams Typical Thermal Resistance Per Leg Type Number Note 5: Screw Mounting screw, where diameter is ≦4.9mm(0.19") A Green compound with suffix "G" on packing code & prefix "G" on datecode For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Terminals: Pure tin plated, lead free, solderable per MIL-STD-750, Method 2026 Maximum Reverse Current @ Rated VR TA=25 ℃ TA=125 ℃ Polarity: As marked Mounting torque: 5 in. - lbs, max Mounting position:Any Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Peak Repetitive Reverse Surge Current (Note 1) MBRF2035CT - MBRF20200CT Marking Diagram ITO-220AB 20.0 AMPS. Isolated Schottky Barrier Rectifiers Dimensions in inches and (millimeters) Case:ITO-220AB molded plastic body Features High surge capability Metal silicon junction, majority carrier conduction High temperature soldering guaranteed: 260℃/10 seconds, at terminals Version:K11 Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle Note 1: 2.0uS Pulse Width, f=1.0KHz Operating Temperature Range Storage Temperature Range - 65 to + 150 - 65 to + 150 Note 4: Clip Mounting (on case), where lead does not overlap heatsink Maximum Average Forward Rectified Current at Tc=135℃ Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=135℃ 0.57 0.95 0.5 1 0.75 0.85 Voltage Rate of Change (Rated VR) IR 0.85 0.72 0.85 0.1 0.80 52 Typical Junction Capacitance 400 310 RMS Isolation Voltage (MBRF Type Only) from Terminals to Heatsink with t=1.0 Second, RH≦30% VISO 4500(Note 3) 3500(Note 4) 1500(Note 5) V 1.5 3.5 Note 3: Clip Mounting (on case), where lead does not overlap heatsink with 0.11" offset Pb RoHS COMPLIANCE RoHS COMPLIANCE |
同様の部品番号 - MBRF2090CT |
|
同様の説明 - MBRF2090CT |