| データシートサーチシステム |
|
SML50A21 データシート(PDF) 2 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
SML50A21 データシート(HTML) 2 Page - Seme LAB |
|
2 / 2 page ![]() SML50A21 Characteristic Test Conditions Min. Typ. Max. Unit Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Test Conditions Min. Typ. Max. Unit 21 84 1.3 510 10 IS ISM VSD trr Qrr (Body Diode) (Body Diode) VGS = 0V , IS = – ID [Cont.] IS = – ID [Cont.] , dls / dt = 100A/μs IS = – ID [Cont.] , dls / dt = 100A/μs Continuous Source Current Pulsed Source Current1 Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge A V ns μC Characteristic Min. Typ. Max. Unit 0.53 30 RθJC RθJA Junction to Case Junction to Ambient °C/W SOURCE – DRAIN DIODE RATINGS AND CHARACTERISTICS THERMAL CHARACTERISTICS 1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Pulse Test: Pulse Width < 380 μS , Duty Cycle < 2% 3) See MIL–STD–750 Method 3471 Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge3 Gate – Source Charge Gate – Drain (“Miller”) Charge Turn–on Delay Time Rise Time Turn-off Delay Time Fall Time VGS = 0V VDS = 25V f = 1MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25°C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25°C RG = 1.6Ω pF nC ns 3700 4440 510 715 200 300 150 225 25 37 70 105 12 25 10 20 50 75 815 CAUTION — Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed. Characteristic Test Conditions Min. Typ. Max. Unit BVDSS IDSS IGSS VGS(TH) ID(ON) RDS(ON) VGS = 0V , ID = 250μA VDS = VDSS VDS = 0.8VDSS , TC = 125°C VGS = ±30V , VDS = 0V VDS = VGS , ID = 1.0mA VDS > ID(ON) x RDS(ON) Max VGS = 10V VGS = 10V , ID = 0.5 ID [Cont.] Drain – Source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0V) Gate – Source Leakage Current Gate Threshold Voltage On State Drain Current 2 Drain – Source On State Resistance 2 500 25 250 ±100 24 21 0.220 V μA nA V A Ω STATIC ELECTRICAL RATINGS (Tcase = 25°C unless otherwise stated) DYNAMIC CHARACTERISTICS Document Number 5963 Issue 1 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk |