| データシートサーチシステム |
|
TMS570LS3137 データシート(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 データシート(HTML) 74 Page - Texas Instruments |
|
74 / 159 page ![]() TMS570LS3137 SPNS162. – SEPTEMBER 2011 www.ti.com Table 4-21. Device Memory Map (continued) FRAME ADDRESS RANGE RESPNSE FOR ACCESS TO FRAME CHIP FRAME ACTUA MODULE NAME UNIMPLEMENTED LOCATIONS IN SELECT SIZE L SIZE START END FRAME System Module - Reads return zeros, writes have no Frame 2 (see PPS0 0xFFFF_E100 0xFFFF_E1FF 256B 256B effect device TRM) Reads return zeros, writes have no PBIST PPS1 0xFFFF_E400 0xFFFF_E5FF 512B 512B effect Generates address error interrupt, if STC PPS1 0xFFFF_E600 0xFFFF_E6FF 256B 256B enabled IOMM Reads return zeros, writes have no Multiplexing PPS2 0xFFFF_EA00 0xFFFF_EBFF 512B 512B effect Control Module Reads return zeros, writes have no DCC1 PPS3 0xFFFF_EC00 0xFFFF_ECFF 256B 256B effect Reads return zeros, writes have no DMA PPS4 0xFFFF_F000 0xFFFF_F3FF 1KB 1KB effect Reads return zeros, writes have no DCC2 PPS5 0xFFFF_F400 0xFFFF_F4FF 256B 256B effect Reads return zeros, writes have no ESM PPS5 0xFFFF_F500 0xFFFF_F5FF 256B 256B effect Reads return zeros, writes have no CCMR4 PPS5 0xFFFF_F600 0xFFFF_F6FF 256B 256B effect Reads return zeros, writes have no DMM PPS5 0xFFFF_F700 0xFFFF_F7FF 256B 256B effect Reads return zeros, writes have no RAM ECC even PPS6 0xFFFF_F800 0xFFFF_F8FF 256B 256B effect Reads return zeros, writes have no RAM ECC odd PPS6 0xFFFF_F900 0xFFFF_F9FF 256B 256B effect Reads return zeros, writes have no RTP PPS6 0xFFFF_FA00 0xFFFF_FAFF 256B 256B effect Reads return zeros, writes have no RTI + DWWD PPS7 0xFFFF_FC00 0xFFFF_FCFF 256B 256B effect Reads return zeros, writes have no VIM Parity PPS7 0xFFFF_FD00 0xFFFF_FDFF 256B 256B effect Reads return zeros, writes have no VIM PPS7 0xFFFF_FE00 0xFFFF_FEFF 256B 256B effect System Module - Reads return zeros, writes have no Frame 1 (see PPS7 0xFFFF_FF00 0xFFFF_FFFF 256B 256B effect device TRM) 74 System Information and Electrical Specifications Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: TMS570LS3137 |