| データシートサーチシステム |
|
STP1612PW05 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP1612PW05 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 35 page ![]() Setting the PWM gray scale counter STP1612PW05 18/35 Doc ID 15819 Rev 4 9 Setting the PWM gray scale counter STP1612PW05 provides a 12-bit or 16-bit PWM color depth. Each serial data input will be implemented according to the e-PWM algorithm. 9.1 PWM data synchronization STP1612PW05 defines the different counting algorithms that support e-PWM, technology, (scrambled PWM). With e-PWM, the total PWM cycles can be broken down into MSB (most significant bits) and LSB (least significant bits) of gray scale cycles, and the MSB information can be dithered across many refresh cycles to achieve overall same high bit resolution. STP1612PW05 also allows changing different counting algorithms and provides the best output linearity when there are fewer transitions of output. Figure 8. 12-bit e-PWM operation example PWCLK PWCLK PWCLK PWCLK PWCLK |