| データシートサーチシステム |
|
TSV6291ILT データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV6291ILT データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 23 page ![]() Electrical characteristics TSV6290, TSV6290A, TSV6291, TSV6291A 8/23 Doc ID 17117 Rev 1 en Equivalent input noise voltage f = 1 kHz 70 THD Total harmonic distortion Av = -10, fin = 1 kHz, RL= 100 k Ω, Vicm = Vcc/2, Vin = 40 mVpp 0.15 % 1. Guaranteed by design. Table 6. VCC+ = +5 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2 (unless otherwise specified) (continued) Symbol Parameter Min. Typ. Max. Unit nV Hz ------------ Table 7. Shutdown characteristics VCC = 5 V (TSV6290) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance ICC Supply current in shutdown mode (all operators) SHDN = VIL 550 nA Tmin < Top < 85° C 200 nA Tmin < Top < 125° C 1.5 µA ton Amplifier turn-on time RL =5kΩ, Vout =VCC- to VCC- +0.2V 300 ns toff Amplifier turn-off time RL =5kΩ, Vout =VCC+ - 0.5 V to VCC+ -0.7 V 30 ns VIH SHDN logic high 4.5 V VIL SHDN logic low 0.5 V IIH SHDN current high SHDN =VCC+ 10 pA IIL SHDN current low SHDN =VCC- 10 pA IOLeak Output leakage in shutdown mode SHDN =VCC- 50 pA Tmin < Top < Tmax 1nA |