データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC3Q71XNIP データシート(PDF) 4 Page - Sharp Corporation

部品番号 PC3Q71XNIP
部品情報  Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q71XNIP データシート(HTML) 4 Page - Sharp Corporation

  PC3Q71XNIP Datasheet HTML 1Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 2Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 3Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 4Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC3H71X NIP Series/PC3Q71X NIP Series
Fig.14 Collector - emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature Ta (°C)
0
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
IF=10mA
IC=1mA
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
Fig.15 Collector Dark Current vs. Ambient
Temperature
Fig.10 Collector Current vs. Collector-emitter
Voltage
Fig.11 Collector Current vs. Collector-emitter
Voltage
Ambient temperature Ta (°C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=50V
10
−11
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
Collector-emitter voltage VCE (V)
0
40
0
2
4
6
8
10
Ta=25°C
30
20
10
PC (MAX.)
IF=7mA
IF=5mA
IF=3mA
IF=2mA
IF=1mA
PC3H71xNIP Series
IF=0.5mA
Collector-emitter voltage VCE (V)
0
40
0
2
4
6
8
10
Ta=25°C
30
20
10
PC (MAX.)
IF=7mA
IF=5mA
IF=3mA
IF=2mA
IF=1mA
PC3Q71xNIP Series
IF=0.5mA
Fig.12 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.13 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (°C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=5V
IF=0.5mA
0
150
100
50
PC3H71xNIP Series
Ambient temperature Ta (°C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=5V
IF=0.5mA
0
150
100
50
PC3Q71xNIP Series



Html Pages

1 2 3 4 5