| データシートサーチシステム |
|
LS013B4DN02 データシート(PDF) 20 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LS013B4DN02 データシート(HTML) 20 Page - Sharp Corporation |
|
20 / 29 page ![]() SPEC No. LCY-12T09303B MODEL No. LS013B4DN02 PAGE 19 6-5-5 COM Inversion There are two types of inputs, COM signal serial input (EXTMODE=”L”) and external COM signal input (EXTMODE=”H”). EXTMODE=“L” SCS SI COM M0 M1 M2 M0 M2 M1 M2 M0 M1 fCOM ※ 2 ※ 2 ※ 1 ※ 1 ※ 1 M1:LC polarity inversion flag: If M1is "H" then VCOM="H" is output. If M1 is "L" then VCOM="L" is output. ※ 1:LC inversion has been changed by M1 flag statement. ※ 2:The periods of plus polarity and minus polarity should be same length as much as possible. EXTMODE=“H” SCS EXTCOMIN COMZ COM fCOM ※ 2 ※ 2 ※ 1 ※ 1 ※ 1 fEXTCOMIN twEXTCOMIN ※ 1:LC inversion polarity has been set by the rising timing of EXTCOMIN in internal circuit block as COMZ signal, ※ 2:The period of EXTCOMIN should be constant. |