| データシートサーチシステム |
|
PC3H712NIP データシート(PDF) 4 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H712NIP データシート(HTML) 4 Page - Sharp Corporation |
|
4 / 5 page ![]() PC3H71X NIP Series/PC3Q71X NIP Series Fig.14 Collector - emitter Saturation Voltage vs. Ambient Temperature Ambient temperature Ta (°C) 0 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 IF=10mA IC=1mA −30 100 90 80 70 60 50 40 30 20 10 0 −10 −20 Fig.15 Collector Dark Current vs. Ambient Temperature Fig.10 Collector Current vs. Collector-emitter Voltage Fig.11 Collector Current vs. Collector-emitter Voltage Ambient temperature Ta (°C) −30 100 90 80 70 60 50 40 30 20 10 0 −10 −20 VCE=50V 10 −11 10 −5 10 −6 10 −7 10 −8 10 −9 10 −10 Collector-emitter voltage VCE (V) 0 40 0 2 4 6 8 10 Ta=25°C 30 20 10 PC (MAX.) IF=7mA IF=5mA IF=3mA IF=2mA IF=1mA PC3H71xNIP Series IF=0.5mA Collector-emitter voltage VCE (V) 0 40 0 2 4 6 8 10 Ta=25°C 30 20 10 PC (MAX.) IF=7mA IF=5mA IF=3mA IF=2mA IF=1mA PC3Q71xNIP Series IF=0.5mA Fig.12 Relative Current Transfer Ratio vs. Ambient Temperature Fig.13 Relative Current Transfer Ratio vs. Ambient Temperature Ambient temperature Ta (°C) −30 100 90 80 70 60 50 40 30 20 10 0 −10 −20 VCE=5V IF=0.5mA 0 150 100 50 PC3H71xNIP Series Ambient temperature Ta (°C) −30 100 90 80 70 60 50 40 30 20 10 0 −10 −20 VCE=5V IF=0.5mA 0 150 100 50 PC3Q71xNIP Series |