データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM303DLMTR データシート(PDF) 16 Page - STMicroelectronics

部品番号 LSM303DLMTR
部品情報  Sensor module:3-axis accelerometer and 3-axis magnetometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLMTR データシート(HTML) 16 Page - STMicroelectronics

Back Button LSM303DLMTR Datasheet HTML 12Page - STMicroelectronics LSM303DLMTR Datasheet HTML 13Page - STMicroelectronics LSM303DLMTR Datasheet HTML 14Page - STMicroelectronics LSM303DLMTR Datasheet HTML 15Page - STMicroelectronics LSM303DLMTR Datasheet HTML 16Page - STMicroelectronics LSM303DLMTR Datasheet HTML 17Page - STMicroelectronics LSM303DLMTR Datasheet HTML 18Page - STMicroelectronics LSM303DLMTR Datasheet HTML 19Page - STMicroelectronics LSM303DLMTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Application hints
LSM303DLM
16/38
Doc ID 018725 Rev 1
6.2
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “pin 1 indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com.
6.3
High current wiring effects
High current in the wiring and printed circuit traces can be the cause of errors in magnetic
field measurements for compassing.
Conductor-generated magnetic fields add to the Earth’s magnetic field, creating errors in
compass heading computation.
Keep currents that are higher than 10 mA a few millimeters further away from the sensor IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38