データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLDC08 データシート(PDF) 26 Page - STMicroelectronics

部品番号 STLDC08
部品情報  Step-up controller for LED supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLDC08 データシート(HTML) 26 Page - STMicroelectronics

Back Button STLDC08 Datasheet HTML 21Page - STMicroelectronics STLDC08 Datasheet HTML 22Page - STMicroelectronics STLDC08 Datasheet HTML 23Page - STMicroelectronics STLDC08 Datasheet HTML 24Page - STMicroelectronics STLDC08 Datasheet HTML 25Page - STMicroelectronics STLDC08 Datasheet HTML 26Page - STMicroelectronics STLDC08 Datasheet HTML 27Page - STMicroelectronics STLDC08 Datasheet HTML 28Page - STMicroelectronics STLDC08 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package mechanical data
STLDC08
26/29
Doc ID 18476 Rev 1
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.55
0.65
0.80
21.7
25.6
31.5
A3
0.20
7.9
b
0.18
0.25
0.307.1
9.8
11.8
D2.85
3.00
3.15
112.2
118.1
124.0
D2
2.20
86.6
E2.85
3.00
3.15
112.2
118.1
124.0
E2
1.40
1.75
55.1
68.9
e
0.50
19.7
L0.30
0.40
0.50
11.8
15.7
19.7
ddd
0.083.1
DFN10 (3x3 mm) mechanical data
7426335F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29