| データシートサーチシステム |
|
MS6337GU データシート(PDF) 13 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6337GU データシート(HTML) 13 Page - MOSA ELECTRONICS |
|
13 / 20 page ![]() MOSA MS6337 16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function REV 2 13/20 www.mosanalog.com TIMING AND DATA FORMAT The MS6337 accepts input serial data formats of 16-bit word length. Left and right data words are time multiplexed can also be input format, single channel. The MSB must always be first. RIGHT WS BCK DATA LSB MSB t r t HB t f t cr t LB t HW t SW LEFT t SD t HD Fig.1 Timing and input signals.(Stereo) Fig.2 Timing and input signals.(Mono) Data format (BCK, WS and DATA) Symbol Parameter Conditions Min Typ. Max Unit VIL Input LOW level - - 0.7 V VIH Input HIGH level 1.6 - - V l I IL l Input Leakage Current LOW - - 10 A l I IH l Input Leakage Current HIGH - - 10 A f BCK Input Clock Frequency - - 18.4 MHz BR Bit Rate Data Input - - 18.4 Mbits/s f WS Word Select Input - - 384 kHz t r Rise Time - - 12 ns t f Fall Time - - 12 ns t Cr Bit Clock Cycle Time 54 - - ns t HB Bit Clock High Time 15 - - ns t LB Bit Clock Low Time 15 - - ns t SD Data Set-up Time 12 - - ns t HD Data Hold Time to Bit Clock 2 - - ns t HW Word Select Hold Time 2 - - ns t SW Word Select Set-up Time 12 - - ns |