| データシートサーチシステム |
|
MS6891 データシート(PDF) 6 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6891 データシート(HTML) 6 Page - MOSA ELECTRONICS |
|
6 / 10 page ![]() MOSA MS6891 Mono 1.1W Power Amplifier with Shutdown REV 1 6/10 www.mosanalog.com APPLICATION INFORMATION Basic application example Fig.1 A audio amplifier application circuit. External gain-setting As shown in Fig.1, The amplifier A1 is independent amplifiers with an externally configured gain of AV = - RF/RI. The amplifier A2 is a closed-loop gain of AV = -1 fixed by two internal resistors. The outputs of A1 and A2 are used to drive the mono bridged-tied load (BTL). High Pass Filter The input capacitor CIN and resister RIN are decided the cut-off frequency of the HPF. The equation is as follows: fcut-off = 1 / (2π*RIN *CIN) |