| データシートサーチシステム |
|
DS18B20 データシート(PDF) 22 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS18B20 データシート(HTML) 22 Page - Maxim Integrated Products |
|
22 / 22 page ![]() DS18B20 22 of 22 Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. M a xi m I n t e g r a t ed P r o d u ct s , 1 20 S an G ab r i el D r i ve , S u n n yval e , C A 940 86 408 - 7 37 - 7600 © 2008 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc. REVISION HISTORY REVISION DATE DESCRIPTION PAGES CHANGED 030107 In the Absolute Maximum Ratings section, removed the reflow oven temperature value of +220 °C. Reference to JEDEC specification for reflow remains. 19 101207 In the Operation—Alarm Signaling section, added “or equal to” in the desciption for a TH alarm condition 5 In the Memory section, removed incorrect text describing memory. 7 In the Configuration Register section, removed incorrect text describing configuration register. 8 042208 In the Ordering Information table, added TO-92 straight-lead packages and included a note that the TO-92 package in tape and reel can be ordered with either formed or straight leads. 2 |